Part Number Hot Search : 
BFG93A ISL55002 F10N6 UPC6012 74HCT74D 03000 LT660 UM2310
Product Description
Full Text Search
 

To Download MC74HC73ANG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 december, 2009 ? rev. 7 1 publication order number: mc74hc73/d mc74hc73a dual j-k flip-flop with reset high ? performance silicon ? gate cmos the mc74hc73a is identical in pinout to the ls73. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. each flip ? flop is negative ? edge clocked and has an active ? low asynchronous reset. the mc74hc73a is identical in function to the hc107, but has a different pinout. features ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0  a ? high noise immunity characteristic of cmos devices ? in compliance with the jedec standard no. 7.0 a requirements ? chip complexity: 92 fets or 23 equivalent gates ? these are pb ? free devices pin assignment function table logic diagram pin 4 = v cc pin 11 = gnd reset 2 k2 clock 2 j2 reset 1 k1 clock 1 j1 q2 q2 q1 q1 14 1 3 2 7 5 10 6 12 13 9 8 11 12 13 14 8 9 10 5 4 3 2 1 7 6 k2 gnd q1 q1 j1 q2 q2 v cc k1 reset 1 clock 1 j2 reset 2 clock 2 inputs outputs reset clock j k q q l xxxlh h l l no change hlhlh hhlhl h h h toggle h l x x no change h h x x no change h x x no change http://onsemi.com marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package tssop ? 14 dt suffix case 948g 14 1 soic ? 14 d suffix case 751a 14 1 hc73ag awlyww 1 14 hc 73a alyw   1 14 1 4 1 pdip ? 14 n suffix case 646 mc74hc73an awlyywwg 1 14 see detailed ordering and shipping information in the package dimensions section on p age 5 of this data sheet. ordering information (note: microdot may be in either location)
mc74hc73a http://onsemi.com 2 maximum ratings* symbol parameter value unit v cc dc supply voltage (referenced to gnd) ? 0.5 to + 7.0 v v in dc input voltage (referenced to gnd) ? 1.5 to v cc + 1.5 v v out dc output voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 25 ma i cc dc supply current, v cc and gnd pins 50 ma p d power dissipation in still air plastic dip? soic package? 750 500 mw t stg storage temperature ? 65 to + 150  c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260  c *maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c soic package: ? 7 mw/  c from 65  to 125  c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types ? 55 + 125  c t r , t f input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v 0 0 0 1000 500 400 ns dc electrical characteristics (voltages referenced to gnd) symbol parameter test conditions v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c v ih minimum high ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il maximum low ? level input voltage v out = 0.1 v or v cc ? 0.1 v |i out |  20 a 2.0 4.5 6.0 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 v v oh minimum high ? level output voltage v in = v ih or v il |i out |  20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in = v ih or v il |i out |  4.0 ma |i out |  5.2 ma 4.5 6.0 3.98 5.48 3.84 5.34 3.70 5.20 v ol maximum low ? level output voltage v in = v ih or v il |i out |  20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il |i out |  4.0 ma |i out |  5.2 ma 4.5 6.0 0.26 0.26 0.33 0.33 0.40 0.40 i in maximum input leakage current v in = v cc or gnd 6.0 0.1 1.0 1.0 a i cc maximum quiescent supply current (per package) v in = v cc or gnd i out = 0 a 6.0 4 40 80 a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hc73a http://onsemi.com 3 ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c f max maximum clock frequency (50% duty cycle) (figures 1 and 4) 2.0 4.5 6.0 6.0 30 35 4.8 24 28 4.0 20 24 mhz t plh , t phl maximum propagation delay, clock to q or q (figures 1 and 4) 2.0 4.5 6.0 125 25 21 155 31 26 190 38 32 ns t plh , t phl maximum propagation delay, reset to q or q (figures 2 and 4) 2.0 4.5 6.0 155 31 26 195 39 33 235 47 40 ns t tlh , t thl maximum output transition time, any output (figures 1 and 4) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in maximum input capacitance ? 10 10 10 pf c pd power dissipation capacitance (per flip ? flop)* typical @ 25 c, v cc = 5.0 v pf 35 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . timing requirements (input t r = t f = 6 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c t su minimum setup time, j or k to clock (figure 3) 2.0 4.5 6.0 100 20 17 125 25 21 150 30 26 ns t h minimum hold time, clock to j or k (figure 3) 2.0 4.5 6.0 3 3 3 3 3 3 3 3 3 ns t rec minimum recovery time, reset inactive to clock (figure 2) 2.0 4.5 6.0 100 20 17 125 25 21 150 30 26 ns t w minimum pulse width, clock (figure 1) 2.0 4.5 6.0 80 16 14 100 20 17 120 24 20 ns t w minimum pulse width, reset (figure 2) 2.0 4.5 6.0 80 16 14 100 20 17 120 24 20 ns t r , t f maximum input rise and fall times (figure 1) 2.0 4.5 6.0 1000 500 400 1000 500 400 1000 500 400 ns
mc74hc73a http://onsemi.com 4 switching waveforms t su *includes all probe and jig capacitance c l * test point device under test output clock q or q 90% 90% 50% 10% t f t r v cc gnd t w 1/f max t plh t phl 90% 50% 10% t tlh t thl figure 1. figure 2. figure 3. figure 4. 50% 50% 50% 50% v cc v cc gnd gnd reset q q clock t plh t phl t rec t w valid 50% j or k clock v cc v cc gnd gnd t h expanded logic diagram reset k clock 2, 6 14, 7 3, 10 1, 5 cl cl cl cl cl cl cl cl cl cl cl q q 12, 9 13, 8 cl cl cl j
mc74hc73a http://onsemi.com 5 ordering information device package shipping ? MC74HC73ANG pdip ? 14 (pb ? free) 25 units / rail mc74hc73adg soic ? 14 (pb ? free) 55 units / rail mc74hc73adr2g soic ? 14 (pb ? free) 2500 / tape & reel mc74hc73adtr2g tssop ? 14* ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc74hc73a http://onsemi.com 6 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87
mc74hc73a http://onsemi.com 7 package dimensions soic ? 14 case 751a ? 03 issue h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint* 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc73a http://onsemi.com 8 package dimensions tssop ? 14 case 948g ? 01 issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ? u ? seating plane 0.10 (0.004) ? t ? ??? ??? section n ? n detail e j j1 k k1 ? w ? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ? v ? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc73a http://onsemi.com 9 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc74hc73/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HC73ANG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X